14 series 881 threaded coupling 881-020R rear panel mount, right angle pcb receptacle how to order sample part number 881-020R a -b7n -m s -.125 series 881-020R insert style a = unshrouded contacts b = shrouded contacts are recessed within the insulator shell size / insert arr. 1 see shell size and insert arrangement table material/ finish 2 m = aluminum/electroless nickel rohs compliant zr = aluminum/zinc-nickel, non-refective with rohs compliant black chromate mt = aluminum/nickel-ptfe rohs compliant zmt = stainless steel/nickel-ptfe rohs compliant pcb tail finish s = solder-dipped in iaw sn63pb37 g = gold plated wire type .080, .125, .175 series 881 rear panel mount, threaded coupling, right angle receptacles are sealed with epoxy and meet ip67 requirements in mated condition. for open face sealing in an unmated condition request modifcation code -518. three contact sizes are available with current ratings of 5a, 3a and 1a. aluminum or stainless steel housings and thermoplastic insulators. high performance crimp contacts are factory terminated to solid copper wire. superfly? connectors are ideal for soldier systems and other applications where reduced size and weight are critical. mod-518 open face sealing for ip67 performance in open face (unmated) condition, use sufx -518. example: 881-020Ra-b7n-ms-.125- 518 notes 1. see section a for insert arrangement layouts 2. see section a for additional fnish options plug alternate key positions sufx code a b 686a 150 210 686b 75 210 686c 95 230 686d 140 275 686e 75 275 686f 95 210 standard superfly? connectors have a single master key. versions with three keys are also available if alternate key positions are required. add sufx code 686 to the part number per the following example: 881-020Ra-b7n-ms-.125- 686a master key a b mod-686 polarizing options shell size and insert arrangements insert arrangements no. of contacts #23 5a. micro 3a. nano 1a. b7n 7 c10n 10 c2m2n 2 2 d3m 3 d2w2n 2 2 e3w 3 e4m 4 e19n 19 e4m4n 4 4 f4w 4 f7m 7 f22n 22 f4m8n 4 8 f4w4n 4 4 g7w 7 g10m 10 g31n 31 g6m10n 6 10 g6m12n 6 12 h10w 10 h37n 37 h6w14n 6 14 j44n 44 j7w19n 7 19 k19m 19 k13m19n 13 19 l22m 22 first letter of insert arrangement represents connector shell size, as in this example k 13m19n ? 2015 glenair, inc ? 1211 air way, glendale, ca 91201 ? 818-247-6000 ? www.glenair.com ? u.s. cage code 06324 ? series 88 superfly? catalog dimensions in inches (millimeters) are subject to change without notice. c
15 series 881 threaded coupling 881-020R rear panel mount, right angle pcb receptacle about shrouded and unshrouded superfly? configurations shrouded contacts are recessed within the insert. unshrouded contacts extend from the insert face. shrouded inserts contain 1 amp and 3 amp twistpin contacts along with 5 amp socket contacts. unshrouded inserts contain 1 amp and 3 amp sockets and 5 amp pin. ? a b c .025 (.635) l 45 .76 (19.30) .79 (20.07) d imensions shell size a b c d mnt ? e flats in. mm. in. mm. in. mm. in. mm. in. mm. b .392 9.96 .338 8.59 .260 6.60 .283 7.19 .241 6.12 c .412 10.46 .358 9.09 .280 7.11 .305 7.75 .261 6.63 d .431 10.95 .377 9.58 .300 7.62 .324 8.23 .281 7.14 e .451 11.46 .397 10.08 .320 8.13 .344 8.74 .300 7.62 f .471 11.96 .417 10.59 .340 8.64 .364 9.25 .320 8.13 g .490 12.45 .436 11.07 .380 9.65 .383 9.73 .340 8.64 h .530 13.46 .476 12.09 .400 10.16 .419 10.64 .379 9.63 j .569 14.45 .515 13.08 .440 11.18 .459 11.66 .418 10.62 k .589 14.96 .534 13.56 .460 11.68 .478 12.14 .438 11.13 l .628 15.95 .574 14.58 .500 12.70 .518 13.16 .478 12.14 e ? d recommended cutout panel 3 amp micro socket 1 amp nano socket 5 amp #23 pin shrouded type b insert unshrouded type a insert 3 amp micro twistpin 1 amp nano twistpin 5 amp #23 socket wire code table layouts with 5a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code e3w, f4w, g7w, h10w #22 100 #24 200 #26 300 layouts with 5a. and 1a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code d2w2n, f4w4n, h6w14n, j7w19n #22 #28 104 #24 #28 204 #26 #28 304 #22 #30 105 #24 #30 205 #26 #30 305 #22 #32 106 #24 #32 206 #26 #32 306 layouts with 3a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code d3m, e4m f7m, g10m, k19m, l22m #24 020 #26 030 #28 040 #30 050 layouts with 3a. and 1a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code c2m2n, e4m4n, f4m8n g6m10n, g6m12n, k13m19n #24 #28 024 #26 #28 034 #28 #28 044 #24 #30 025 #26 #30 035 #28 #30 045 #24 #32 026 #26 #32 036 #28 #32 046 layouts with 1a. contacts insert arrangement #23 5a. micro 3a. nano 1a. code b7n, c10n, e19n, f22n, g31n, h37n, j44n #28 004 #30 005 #32 006 ? 2015 glenair, inc ? 1211 air way, glendale, ca 91201 ? 818-247-6000 ? www.glenair.com ? u.s. cage code 06324 ? series 88 superfly? catalog dimensions in inches (millimeters) are subject to change without notice. c
|